PART |
Description |
Maker |
MPS2222A |
800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
JANSG2N2221AL JANSP2N2221A JANSP2N2221AUA |
800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA
|
MICROSEMI CORP-IRELAND
|
KSC2316O |
800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP
|
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
BC558-B BCX73-25 BC550-B BC169-C BC546-A |
100 mA, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G INFINEON TECHNOLOGIES AG
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
NTE290 NTE289 |
800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Quad Channel, 4/0, 25Mbps, Digital Isolator 16-SOIC -40 to 125 Silicon Complementary Transistors Audio Power Amplifier, Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
BC817-16 BC817-16-7 BC817-25 BC817-25-7 BC817-40-7 |
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
MPSA92ML-T92-K MPSA92ML-T92-B MPSA92MG-T92-K MPSA9 |
800 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 LEAD FREE PACKAGE-3 800 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 HALOGEN FREE PACKAGE-3 HIGH VOLTAGE TRANSISTOR
|
Unisonic Technologies Co., Ltd.
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
|